|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHINA SEMICONDUCTOR CORPORATION Spec. No. Rev. PS-ND-0807 A PRODUCT SPECIFICATION Model No CSS-1814B7/1814B7 Descriptions: 1.80 Inch Single Digit Display Emitting Color Super Bright Blue CUSTOMER APPROVED SIGNATURES APPROVED BY CHECKED BY PREPARED BY CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377 OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112 http://www.csctw.com.tw CHINA SEMICONDUCTOR CORPORATION Model No CSS-1814B7/1814B7 Spec. No. Rev. PS-ND-0807 A Features 1. 1.80 inch (45.0mm) digit height. 2. Case mold type. 3. RoHS compliant. 4. Low power consumption. 5. ESD>1KV(HBM) 6. Easy mounting on P.C. board or socket. Device Selection Guide Chip Material InGaN InGaN Emitted Color Super Bright Blue Part No. CSS-1814B7 CSS-1815B7 Mechanical Dimensions - Description Common Anode Super Bright Blue Common Cathode http://www.csctw.com.tw Page 1/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1814B7/1814B7 Spec. No. Rev. PS-ND-0807 A Internal Circuit Diagrams - Absolute Maximum Rating (Ta=25 ) Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice Derating Linear From 25 Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature Per Symbol Pd IAF IPF VR Topr Tstg Rating 120 30 100 0.4 5 -35 ~ +85 -35 ~ +85 Unit mW mA mA mA/ V Solder temperature 1/16 inch below seating plane for 3 seconds at 260 http://www.csctw.com.tw Page 2/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1814B7/1814B7 Spec. No. Rev. PS-ND-0807 A Electro-optical Characteristics (Ta=25 ) Parameter Forward Voltage Per Segment (DP) Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio Symbol VF Iv P e Min. - Typ. 10.5(3.5) 55 468 470 Max. 12(4.0) - Unit V mcd nm nm Condition IF=20mA IF=10mA IF=20mA IF=20mA JS 30 - 100 2:1 nm A . IF=20mA VR=12V IF=10mA - IV-m http://www.csctw.com.tw Page 3/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1814B7/1814B7 Spec. No. Rev. PS-ND-0807 A Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted) http://www.csctw.com.tw Page 4/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1814B7/1814B7 Spec. No. Rev. PS-ND-0807 A Package Dimensions Carton size: L54xW48.5xH30.5cm Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw 5/5 Page |
Price & Availability of CSS-1814B7 |